Part Number Hot Search : 
OP295C 00095 AD7985 SK243P0 EC110 A3210 70003 R5F56
Product Description
Full Text Search
 

To Download GMKP3000-81B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GMKP
Vishay ESTA
Power Electronic, DC Capacitors
STANDARD CAPACITORS IN CYLINDRICAL CASING, OIL IMPREGNATED, SELF-HEALING, WITH FUSE
DC CAPACITORS Series GMKP 1000V - 3000V, higher voltages upon request. Capacitance range 1-400F, in relation to rated voltage and dimension. Other capacitance values, upon request. NUMBER OF DISCHARGES upon request TIME INTERVAL BETWEEN 2 DISCHARGES With a periodic discharge: 2 sec. With oscillating discharge: upon request TERMINALS AMP plugs 6.3 x 0.8 or Threaded bolts M10 MOUNTING POSITION vertical/horizontal upside down position, upon request only PROTECTION Overpressure tear-off fuse, refer to general information LOSS FACTOR (50Hz) 1.5 x 10- 4 (14kHz) 2.0 x 10- 4 CAPACITANCE TOLERANCE 10 % OVERVOLTAGES 1.1 x Un 30% operation 1.2 x Un 5min./day
GENERAL VISHAY ESTA DC-capacitors may be loaded with a comparatively high component of alternating voltage or alternating current due to the low ohmic and low dielectric losses. Thus the capacitors can equally be employed for all DC applications.
The capacitors can also be applied as AC capacitors at a rated frequency of 50 Hz for the quoted root-mean-square voltages.
TECHNICAL DATA OPERATING MODE continuous operation CLASS OF APPLICATION HSF (refer to general information IMPREGNATING AGENT Oil (NON PCB, refer to general information) PERMISSIBLE TEMPERATURE RANGE Min./max. casing temperature: - 25/70C Min./max. storage temperature: - 40/85C SELF-DISCHARGE TIME CONSTANT > 10.000s PERMISSIBLE RELATIVE AIR HUMIDITY 95% LIFE EXPECTANCY WITH 3% FAILURE RATE 100.000h
1.15 x Un 30 min./day 1.3 x Un 1min./day
1.5 x Un 100ms/day
TEST VOLTAGES terminal/ terminal 1.5 x Un DC/10 sec. terminal/casing 2.0 x Un/2 + 1.000 VAC/10 sec. PEAK CURRENT (periodical) du/dt x C [A] STANDARD IEC 61071-1 EN 61071 DIELECTRIC metallized polypropylene film (refer to general information)
www.vishay.com 54
Document Number: 13103 Revision 14-Jan-02
GMKP
Power Electronic, DC Capacitors
Vishay ESTA
DC CAPACITORS SERIES GMKP 1000V - 3000V Rated voltage 1000VDC MODEL GMKP 1000 - 2 IA GMKP 1000 - 4 IA GMKP 1000 - 8 IA GMKP 1000 - 10 IA GMKP 1000 - 16 IA GMKP 1000 - 20 IA GMKP 1000 - 32 IA GMKP 1000 - 40 IA GMKP 1000 - 64 IA GMKP 1000 - 80 IA GMKP 1000 - 100 IA GMKP 1000 - 200 IA GMKP 1000 - 400 IA Rated voltage 1800VDC MODEL GMKP 1800 - 4 IA GMKP 1800 - 8 IA GMKP 1800 - 10 IA GMKP 1800 - 16 IA GMKP 1800 - 20 IA GMKP 1800 - 32 IB GMKP 1800 - 40 IB Rated voltage 3000VDC MODEL GMKP 3000 - 2 IA GMKP 3000 - 4 IA GMKP 3000 - 8 IA GMKP 3000 - 8 IB GMKP 3000 - 10 IA GMKP 3000 - 16 IB GMKP 3000 - 20 IB GMKP 3000 - 28 IB C F 2.0 4.0 8.0 8.0 10.0 16.0 20.0 28.0 I A 15.0 15.0 15.0 15.0 18.0 25.0 35.0 35.0 du / dt V / s 500 500 500 500 400 300 300 200 L nH < 150 < 150 < 150 < 150 < 200 < 200 < 200 < 250 DIMENSIONS d x h (mm) 50 x 97 50 x 127 64 x 140 64 x 140 64 x 190 64 x 240 84 x 190 84 x 240 WEIGHT kg 0.18 0.25 0.41 0.41 0.61 1.05 1.05 1.33 FIGURE* 4 4 4 6 4 6 II 6 II 6 II C F 4.0 8.0 10.0 16.0 20.0 32.0 40.0 I A 12.0 12.0 15.0 15.0 18.0 20.0 25.0 du / dt V / s 500 500 500 500 300 200 200 L nH < 150 < 150 < 150 < 150 < 150 < 200 < 120 DIMENSIONS d x h (mm) 50 x 72 50 x 127 50 x 127 60 x 127 64 x 140 84 x 140 84 x 190 WEIGHT kg 0.14 0.25 0.25 0.36 0.41 0.78 1.05 C F 2.0 4.0 8.0 10.0 16.0 20.0 32.0 40.0 64.0 80.0 100.0 200.0 400.0 I A 12.0 12.0 12.0 15.0 15.0 15.0 18.0 18.0 20.0 20.0 20.0 35.0 35.0 du / dt V / s 500 500 500 500 500 300 200 200 200 200 150 70 50 L nH < 150 < 150 < 150 < 150 < 150 < 150 < 150 < 150 < 150 < 200 < 200 < 220 < 250 DIMENSIONS d x h (mm) 30 x 52 30 x 52 40 x 72 50 x 72 50 x 72 50 x 97 50 x 127 50 x 127 64 x 140 64 x 190 84 x 140 84 x 240 84 x 340 WEIGHT kg 0.04 0.05 0.09 0.09 0.14 0.18 0.25 0.25 0.45 0.61 0.78 1.34 1.88 Urms = 470 V FIGURE* 1 1 1 1 4 4 4 4 4 6I 4 5 5 Urms = 640 V FIGURE* 4 4 4 4 4 6I 6I
*See dimensional drawings document number : 13105
Other values available upon request. Standard capacitors types usually, available ex stock. Non-standard and custom styles to be manufactured in accordance with specific orders. Minimum order quantities are applicable depending on the various capacitor types. Vishay reserve the right to change any dimensions without notice.
Document Number: 13103 Revision 14-Jan-02 www.vishay.com 55


▲Up To Search▲   

 
Price & Availability of GMKP3000-81B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X